PART |
Description |
Maker |
AD8091 AD8092 AD8092ARM AD8091ART-REEL AD8091ART-R |
Low Cost , High-Speed Rail-to-Rail Amplifiers Enhanced 10-Bit, ADC with Flash Memory From old datasheet system Low-Cost, High-Speed Rail-to-Rail Amplifiers DUAL OP-AMP, 27000 uV OFFSET-MAX, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
5962-9306545HMA 5962-9306545HMC 5962-9306545HTA 59 |
Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs Controller Miscellaneous - Datasheet Reference 200Mbps SFP Limiting Amplifier Serially Controlled, Low-Voltage, 8-Channel SPST Switch Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers 控制器杂数据表参 Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23 控制器杂数据表参 3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver 控制器杂数据表参 2.5GHz 45dB RF-Detecting Controllers 控制器杂数据表参 Triple and Quad, 2:1 Video Multiplexer-Amplifiers with Fixed and Settable Gain 控制器杂数据表参 100MHz to 2500MHz, 45dB RF Detector in a UCSP 控制器杂数据表参
|
Glenair, Inc. Electronic Theatre Controls, Inc. Littelfuse, Inc. TE Connectivity, Ltd. NXP Semiconductors N.V.
|
MAX991 MAX991ESA MAX991EUA MAX992 MAX992ESA MAX992 |
High-Speed / Micropower / Low-Voltage / SOT23 / Rail-to-Rail I/O Comparators Wirewound Potentiometer; Series:LW; Track Resistance:1ohm; Resistance Tolerance: /- 10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes Wirewound Potentiometer; Series:LW; Track Resistance:50ohm; Resistance Tolerance: /-10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators High-Speed, Micropower, Low-Voltage,SOT23, Rail-to-Rail I/O Comparators
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD8092AR |
Low Cost High-Speed Rail-to-Rail Amplifiers
|
Analog Devices
|
AD805107 AD8051ART-R2 AD8051ARTZ-R2 AD8051ARTZ-REE |
Low Cost, High Speed, Rail-to-Rail Amplifiers
|
Analog Devices
|
AD8091ART-R2 AD8091ARTZ-R2 AD8091ARTZ-R7 AD8091ART |
Low Cost, High Speed Rail-to-Rail Amplifiers
|
AD[Analog Devices]
|
AD809107 AD8091ARTZ-REEL7 |
OP-AMP, 27000 uV OFFSET-MAX, PDSO5 Low Cost, High Speed Rail-to-Rail Amplifiers
|
ANALOG DEVICES INC
|
ADA4850-107 ADA4850-1 ADA4850-2YCPZ-R2 ADA4850-2YC |
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
|
Analog Devices
|
MAX4020 MAX4020EEE MAX4020ESD MAX4012 MAX4012EUK M |
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs Low-Cost / High-Speed / SOT23 / Single-Supply Op Amps with Rail-to-Rail Outputs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
28C010ERPGP-15 28C010ERPGP-12 28C010ERPGI-15 28C01 |
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps High-/Full-Speed USB 2.0 Switches x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM Hex SPDT Data Switch x8的EEPROM
|
Infineon Technologies AG Vishay Intertechnology, Inc. TE Connectivity, Ltd. ITT, Corp. Jameco Electronics
|